|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY, LTD. Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-59 package which is designed for low power surface mount applications. * Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * Moisture Sensitivity Level: 1 * ESD Rating - Human Body Model: Class 1 ESD Rating - Machine Model: Class B * The SC-59 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. * Available in 8 mm embossed tape and reel Use the Device Number to order the 7 inch/3000 unit reel. MUN2211T1 SERIES NPN SILICON BIAS RESISTOR TRANSISTORS 3 2 1 SC-59 CASE 318D, STYLE 1 PIN 2 BASE (INPUT) R1 PIN 3 COLLECTOR (OUTPUT) R2 PIN 1 EMITTER (GROUND) MARKINGDIAGRAM DEVICE MARKING INFORMATION *See specific marking information in the device marking table on page 2 of this data sheet. 8X M MAXIMUM RATINGS (TA = 25C unless otherwise noted) Rating Symbol Value Unit Collector-Base Voltage VCBO 50 Vdc Collector-Emitter Voltage VCEO 50 Vdc Collector Current IC 100 mAdc THERMAL CHARACTERISTICS Characteristic Symbol Max Total Device Dissipation PD 230(Note 1) TA = 25C 338(Note 2) Derate above 25C 1.8 (Note 1) 2.7 (Note 2) Thermal Resistance - RJA 540(Note 1) Junction-to-Ambient 370(Note 2) Thermal Resistance - RJL 264(Note 1) Junction-to-Lead 287(Note 2) Junction and Storage TJ, Tstg -55 to +150 Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad 8X = Specific Device Code* M = Date Code Unit mW C/W C/W C/W C MUN2211T1 Series-1/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series DEVICE MARKING AND RESISTOR VALUES Device MUN2211T1 MUN2212T1 MUN2213T1 MUN2214T1 MUN2215T1 (Note 3) MUN2216T1 (Note 3) MUN2230T1 (Note 3) MUN2231T1 (Note 3) MUN2232T1 (Note 3) MUN2233T1 (Note 3) MUN2234T1 (Note 3) MUN2236T1 MUN2237T1 MUN2240T1 (Note 3) MUN2241T1 (Note 3) Package SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 SC-59 Marking 8A 8B 8C 8D 8E 8F 8G 8H 8J 8K 8L 8N 8P 8T 8U R1 (K) 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 100 47 47 100 R2 (K) 10 22 47 47 1.0 2.2 4.7 47 47 100 22 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3. New devices. Updated curves to follow in subsequent data sheets. MUN2211T1 Series-2/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (VEB = 6.0 V, IC = 0) MUN2211T1 MUN2212T1 MUN2213T1 MUN2214T1 MUN2215T1 MUN2216T1 MUN2230T1 MUN2231T1 MUN2232T1 MUN2233T1 MUN2234T1 MUN2236T1 MUN2237T1 MUN2240T1 MUN2241T1 ICBO ICEO IEBO - - - - - - - - - - - - - - - - - 50 50 - - - - - - - - - - - - - - - - - - - 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.05 0.13 0.2 0.1 - - nAdc nAdc mAdc Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 4) (IC = 2.0 mA, IB = 0) V(BR)CBO V(BR)CEO Vdc Vdc ON CHARACTERISTICS (Note 4) DC Current Gain (VCE = 10 V, IC = 5.0 mA) MUN2211T1 MUN2212T1 MUN2213T1 MUN2214T1 MUN2215T1 MUN2216T1 MUN2230T1 MUN2231T1 MUN2232T1 MUN2233T1 MUN2234T1 MUN2236T1 MUN2237T1 MUN2240T1 MUN2241T1 hFE 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 160 160 - 60 100 140 140 350 350 5.0 15 30 200 150 150 140 350 350 - - - - - - - - - - - - - - - - 0.25 Vdc Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA) (IC = 10 mA, IB = 5 mA) MUN2230T1/MUN2231T1 (IC = 10 mA, IB = 1 mA) MUN2215T1/MUN2216T1/ MUN2232T1/MUN2233T1/MUN2234T1 Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) MUN2211T1 MUN2212T1 MUN2214T1 MUN2215T1 MUN2216T1 MUN2230T1 MUN2231T1 MUN2232T1 MUN2233T1 MUN2234T1 MUN2213T1 MUN2240T1 MUN2236T1 MUN2237T1 MUN2241T1 VCE(sat) VOL - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 Vdc (VCC = 5.0 V, VB = 3.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 5.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 4.0 V, RL = 1.0 k) (VCC = 5.0 V, VB = 5.0 V, RL = 1.0 k) 4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0% MUN2211T1 Series-3/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued) Characteristic Symbol Min Typ Max Unit ON CHARACTERISTICS (Note 5) (Continued) Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 0.050 V, RL = 1.0 k) MUN2230T1 MUN2215T1 (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k) MUN2216T1 MUN2233T1 MUN2240T1 Input Resistor MUN2211T1 MUN2212T1 MUN2213T1 MUN2214T1 MUN2215T1 MUN2216T1 MUN2230T1 MUN2231T1 MUN2232T1 MUN2233T1 MUN2234T1 MUN2235T1 MUN2236T1 MUN2237T1 MUN2240T1 MUN2241T1 MUN2211T1/MUN2212T1/MUN2213T1/ MUN2236T1 MUN2214T1 MUN2215T1/MUN2216T1/MUN2240T1/ MUN2241T1 MUN2230T1/MUN2231T1/MUN2232T1 MUN2233T1 MUN2234T1 MUN2237T1 VOH 4.9 - - Vdc R1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 70 32.9 70 32.9 70 0.8 0.17 - 0.8 0.055 0.38 1.7 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 100 47 100 47 100 1.0 0.21 - 1.0 0.1 0.47 2.1 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 130 61.1 130 61.1 100 1.2 0.25 - 1.2 0.185 0.56 2.6 k Resistor Ratio R1/R2 5. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0% 350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0 -50 RJA = 370C/W 0 50 100 TA, AMBIENT TEMPERATURE (C) 150 Figure 1. Derating Curve MUN2211T1 Series-4/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2211T1 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 hFE, DC CURRENT GAIN TA = -25C 25C 75C 1000 VCE = 10 V TA = 75C 25C -25C 100 0.1 0.01 0.001 0 20 40 60 IC, COLLECTOR CURRENT (mA) 80 10 1 10 IC, COLLECTOR CURRENT (mA) 100 Figure 2. VCE(sat) versus IC Figure 3. DC Current Gain 4 f = 1 MHz IE = 0 V TA = 25C 100 75C IC, COLLECTOR CURRENT (mA) 10 1 0.1 0.01 25C TA = -25C Cob , CAPACITANCE (pF) 3 2 1 VO = 5 V 0 1 2 5 6 7 3 4 Vin, INPUT VOLTAGE (VOLTS) 8 9 10 0 0 10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 50 0.001 Figure 4. Output Capacitance Figure 5. Output Current versus Input Voltage 10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C 1 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50 Figure 6. Input Voltage versus Output Current MUN2211T1 Series-5/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2212T1 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 0.1 75C hFE , DC CURRENT GAIN 1000 VCE = 10 V TA = 75C 25C -25C 100 0.01 0.001 0 40 20 60 IC, COLLECTOR CURRENT (mA) 80 10 1 10 IC, COLLECTOR CURRENT (mA) 100 Figure 7. VCE(sat) versus IC Figure 8. DC Current Gain 4 f = 1 MHz IE = 0 V TA = 25C 100 IC, COLLECTOR CURRENT (mA) 10 1 0.1 0.01 75C 25C TA = -25C Cob , CAPACITANCE (pF) 3 2 1 0 0 10 20 30 40 50 0.001 VO = 5 V 0 2 4 6 8 10 Vin, INPUT VOLTAGE (VOLTS) VR, REVERSE BIAS VOLTAGE (VOLTS) Figure 9. Output Capacitance Figure 10. Output Current versus Input Voltage 100 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 10 75C 25C 1 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50 Figure 11. Input Voltage versus Output Current MUN2211T1 Series-6/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2213T1 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 1000 VCE = 10 V 75C hFE , DC CURRENT GAIN TA = 75C 25C -25C 100 IC/IB = 10 TA = -25C 25C 1 0.1 0.01 0 20 40 60 IC, COLLECTOR CURRENT (mA) 80 10 1 10 IC, COLLECTOR CURRENT (mA) 100 Figure 12. VCE(sat) versus IC Figure 13. DC Current Gain 1 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0 f = 1 MHz IE = 0 V TA = 25C 100 10 1 0.1 75C 25C TA = -25C IC, COLLECTOR CURRENT (mA) 0.01 VO = 5 V 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10 0 10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 50 0.001 Figure 14. Output Capacitance Figure 15. Output Current versus Input Voltage 100 VO = 0.2 V TA = -25C 25C 75C V in , INPUT VOLTAGE (VOLTS) 10 1 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50 Figure 16. Input Voltage versus Output Current MUN2211T1 Series-7/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2214T1 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C hFE, DC CURRENT GAIN 25C 0.1 75C 0.01 300 250 200 150 100 50 0.001 0 20 40 60 IC, COLLECTOR CURRENT (mA) 80 0 1 2 4 6 8 10 15 20 40 50 60 70 80 IC, COLLECTOR CURRENT (mA) 90 100 VCE = 10 TA = 75C 25C -25C Figure 17. VCE(sat) versus IC Figure 18. DC Current Gain 4 3.5 Cob , CAPACITANCE (pF) 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C 100 75C IC, COLLECTOR CURRENT (mA) 25C TA = -25C 10 VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10 Figure 19. Output Capacitance Figure 20. Output Current versus Input Voltage 10 VO= 0.2 V V in , INPUT VOLTAGE (VOLTS) TA = -25C 25C 75C 1 0.1 0 10 20 30 IC, COLLECTOR CURRENT (mA) 40 50 Figure 21. Input Voltage versus Output Current MUN2211T1 Series-8/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2236T1 VCE(sat), COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 hFE, DC CURRENT GAIN TA = -25C 25C 75C 0.1 1000 VCE = 10 V 75C 25C 100 TA = -25C 0.01 0 5 10 20 30 15 25 IC, COLLECTOR CURRENT (mA) 35 40 10 0.1 10 1 IC, COLLECTOR CURRENT (mA) 100 Figure 22. VCE(sat) versus IC Figure 23. DC Current Gain 5 4.5 Cob, CAPACITANCE (pF) 4 3.5 3 2.5 2 1.5 1 0.5 0 0 5 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 f = 1 MHz lE = 0 V TA = 25C 100 IC, COLLECTOR CURRENT (mA) 75C TA = -25C 10 25C 1 VO = 5 V 0.1 0 5 10 15 20 25 30 Vin, INPUT VOLTAGE (VOLTS) 35 40 Figure 24. Output Capacitance Figure 25. Output Current versus Input Voltage 100 VO = 0.2 V Vin, INPUT VOLTAGE (VOLTS) 25C TA = -25C 75C 10 1 0.1 0 5 15 25 10 20 IC, COLLECTOR CURRENT (mA) 30 35 Figure 26. Input Voltage versus Output Current MUN2211T1 Series-9/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL ELECTRICAL CHARACTERISTICS - MUN2237T1 VCE(sat), COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 25C 75C 0.1 hFE, DC CURRENT GAIN 1000 VCE = 10 V 75C 100 TA = -25C 25C 10 0.01 0 5 10 20 30 15 25 IC, COLLECTOR CURRENT (mA) 35 40 1 1 10 IC, COLLECTOR CURRENT (mA) 100 Figure 27. VCE(sat) versus IC Figure 28. DC Current Gain 2 1.8 Cob, CAPACITANCE (pF) 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 5 f = 1 MHz lE = 0 V TA = 25C 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 IC, COLLECTOR CURRENT (mA) 100 75C TA = -25C 25C 10 1 0.1 0.01 VO = 5 V 0 2 4 6 8 10 12 Vin, INPUT VOLTAGE (VOLTS) 14 16 0.001 Figure 29. Output Capacitance Figure 30. Output Current versus Input Voltage 100 Vin, INPUT VOLTAGE (VOLTS) VO = 0.2 V TA = -25C 25C 10 75C 1 0 5 15 25 10 20 30 IC, COLLECTOR CURRENT (mA) 35 40 Figure 31. Input Voltage versus Output Current MUN2211T1 Series-10/11 LESHAN RADIO COMPANY, LTD. MUN2211T1 Series TYPICAL APPLICATIONS FOR NPN BRTs +12 V ISOLATED LOAD FROM P OR OTHER LOGIC Figure 32. Level Shifter: Connects 12 or 24 Volt Circuits to Logic +12 V VCC OUT IN LOAD Figure 33. Open Collector Inverter: Inverts the Input Signal Figure 34. Inexpensive, Unregulated Current Source MUN2211T1 Series-11/11 |
Price & Availability of MUN2234T1 |